|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductors for Digital Amplifier ctparts.com CTDA13AF Series From 10 H to 33 H Part Number Not shown at actual size. SPECIFICATIONS Parts are available in 20% tolerance only. * Rated DC Current: Inductance drift is within -25% at the superposition ** Allowable Current: A rise in temp. of surface core within 40C. L Test Freq. (KHz) 1.0 1.0 1.0 1.0 1.0 DCR Max. (m) 5.4 6.8 8.1 13.5 14.7 *Rated DC Current (A) 6.0 5.0 4.2 3.8 3.4 **Allowable DC Current (A) 8.0 7.5 7.0 5.6 5.3 Inductance (H 20%) 10 15 22 27 33 CTDA13AF-100M CTDA13AF-150M CTDA13AF-220M CTDA13AF-270M CTDA13AF-330M Compliant RoHS PHYSICAL DIMENSIONS Size mm inches A Max. 15.0 0.59 13.00.5 0.510.02 5.01.0 0.20.039 1.80.5 0.0710.02 B C D E Max. 1.0 0.039 F 8.40.5 0.330.02 E H CHARACTERISTICS Description: Inductor for digital amplifier LPF Applications: Suitable as choke coil for digital amplifier. Audio, DVD 5.1ch home theater, AV amplifier, LCD, PDP. Usable as a choke coil for power supplies, etc. Features: Compact and low-profile. Output 85W. Magnetically shielded structure and low DC resistance. High sound quality. Low electromagnetic interface. Low resistance and high current. Inductance Tolerance: 20% Testing: Tested on a HP4284A at 1.0 KHz Packaging: Bulk Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. D C I Tolerance: 0.5mm L(H) G 6.4 8.4 8.4 8.4 8.4 I 3.3 4.0 4.8 4.0 4.8 F A H 0.5/0.33 0.5 0.5 0.33 0.33 B 10 15 22 27 G 33 06.29.07 Technologies Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTDA13AF |